Part Number Hot Search : 
MIC708MY BUZ900 NCP3020B C5030F0 40ST8 ATU18352 IW4060BN KBPC10
Product Description
Full Text Search
 

To Download CD645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * GENERAL PURPOSE SILICON DIODES * ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE * COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES EXCEPT SOLDER REFLOW
CD483B CD485B CD486B CD645 AND CD5194 thru CD5196
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified
24 MILS 12 MILS
TYPE V(pk) CD483B CD485B CD486B CD645 CD5194 CD5195 CD5196 80 180 250 270 80 180 250 V(pk) 70 180 225 225 70 180 225 mA 200 200 200 400 200 200 200
mA 50 50 50 150 50 50 50
A 2 2 2 5 2 2 2
VF(1) TYPE V dc CD483B CD485B CD486B CD645 CD5194 CD5195 CD5196 0.8 0.8 0.8 0.8 0.8 0.8 0.8 1.0 1.0 1.0 1.0 1.0 1.0 1.0
IR1 at VRWM TA+25C nA dc 25 25 25 50 25 25 25
IR2 at VRM TA+25C
IR3 at VRWM TA+150C
CAP @VR =4V pF - - - 2.0 - - -
A
100 100 100 50 100 100 100
A dc
5 5 5 25 5 5 5
DESIGN DATA
METALLIZATION: Top: (Anode)....................Al Back: (Cathode)..............Au AL THICKNESS ............25,000 A Min GOLD THICKNESS ........4,000 A Min
NOTE 1
AT 100mA (pulsed) except for CD645 which is at 400mA (pulsed)
CHIP THICKNESS ..................10 Mils TOLERANCES: ALL Dimensions 2 mils
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
173
12 MILS
VRM
VRWM
IO
IO TA=+150C
IFSM tp = 1/120 S TA=25C
24 MILS
CD483B, CD485B, CD486B, CD645, CD5194
1000
thru
CD5196
100 IF - Forward Current - (mA)
10
0C 15
100 C
25
C
1
0.1 .3 .4 .5 .6 .7 .8 .9 1.0 VF - Forward Voltage (V) FIGURE 2 Typical Forward Current vs Forward Voltage 1.1 1.2 1.3
1000
100
IR - Reverse Current - (A)
10
1
150C
0.1
100
C
25C
.01
-65C
-65C
NOTE : .001 20 40 60 80 100 120 140 Percent of Reverse Working Voltage (%) FIGURE 3 Typical Reverse Current vs Reverse Voltage
All temperatures shown on graphs are junction temperatures
174


▲Up To Search▲   

 
Price & Availability of CD645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X